Part Number Hot Search : 
PMX1PJS STR7103 TS512 A2411 LM830 4556B DTA115 KBU800
Product Description
Full Text Search
 

To Download CAT24C44S-TE13 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1 cat24c44 256-bit serial nonvolatile cmos static ram doc. no. 1083, rev. r ?catalyst semiconductor, inc. characteristics subject to change without notice features  single 5v supply  infinite eeprom to ram recall  cmos and ttl compatible i/o  low cmos power consumption: ?ctive: 3 ma max. ?tandby: 30 a max.  power up/down protection  10 year data retention  jedec standard pinouts: ?-pin dip ?-pin soic  100,000 program/erase cycles (e e prom)  auto recall on power-up  commercial, industrial and automotive temperature ranges  "green" package options available description the cat24c44 serial nvram is a 256-bit nonvolatile memory organized as 16 words x 16 bits. the high speed static ram array is bit for bit backed up by a nonvolatile eeprom array which allows for easy trans- fer of data from ram array to eeprom (store) and from eeprom to ram (recall). store operations are completed in 10ms max. and recall operations typically within 1.5 s. the cat24c44 features unlim- ited ram write operations either through external ram writes or internal recalls from eeprom. internal false pin configuration store protection circuitry prohibits store operations when v cc is less than 3.5v (typical) ensuring eeprom data integrity. the cat24c44 is manufactured using catalyst? ad- vanced cmos floating gate technology. it is designed to endure 100,000 program/erase cycles (eeprom) and has a data retention of 10 years. the device is available in jedec approved 8-pin plastic dip and soic pack- ages. pin functions pin name function sk serial clock di serial input do serial data output ce chip enable recall recall store store v cc +5v v ss ground soic package (s, v, gv) di do 1 2 3 4 ce sk recall v ss v cc store 8 7 6 5 1 2 3 4 8 7 6 5 ce sk di do v cc recall v ss store dip package (p, l, gl)
2 cat24c44 doc. no. 1083, rev. r catalyst semiconductor, inc. characteristics subject to change without notice power-up timing (4) symbol parameter min. max. units vccsr v cc slew rate 0.5 0.005 v/m t pur power-up to read operations 200 s t puw power-up to write or store operation 5 ms mode selection (1)(2) software write enable previous recall mode store store store store store recall recall recall recall recall instruction latch latch hardware recall (3) 1 0 nop x x software recall 1 1 rcl x x hardware store (3) 0 1 nop set true software store 1 1 sto set true x = don t care block diagram row decode instruction register column decode eeprom array store recal l static ram array 256-bit store recall ce di sk instruction decode 4-bit counter control logic v cc v ss do note: (1) the store operation has priority over all the other operations. (2) the store operation is inhibited when v cc is below 3.5v. (3) nop designates that the device is not currently executing an instruction. (4) this parameter is tested initially and after a design or process change that affects the parameter.
cat24c44 3 doc. no. 1083, rev. r ? catalyst semiconductor, inc. characteristics subject to change without notice absolute maximum ratings* temperature under bias ................. 55 c to +125 c storage temperature ....................... 65 c to +150 c voltage on any pin with respect to ground (2) ............. 2.0 to +vcc +2.0v v cc with respect to ground ............... 2.0v to +7.0v package power dissipation capability (ta = 25 c) ................................... 1.0w lead soldering temperature (10 secs) ............ 300 c output short circuit current (3) ........................ 100 ma *comment stresses above those listed under absolute maximum ratings may cause permanent damage to the device. these are stress ratings only, and functional operation of the device at these or any other conditions outside of those listed in the operational sections of this specifica- tion is not implied. exposure to any absolute maximum rating for extended periods may affect device perfor- mance and reliability. note: (1) these parameter are tested initially and after a design or process change that affects the parameter according to appropriat e aec-q100 and jedec test methods. (2) the minimum dc input voltage is 0.5v. during transitions, inputs may undershoot to 2.0v for periods of less than 20 ns. maximum dc voltage on output pins is v cc +0.5v, which may overshoot to v cc +2.0v for periods of less than 20 ns. (3) output shorted for no more than one second. no more than one output shorted at a time. (4) latch-up protection is provided for stresses up to 100 ma on address and data pins from 1v to v cc +1v. capacitance t a = 25 c, f = 1.0 mhz, v cc = 5v symbol parameter max. unit conditions c i/o (1) input/output capacitance 10 pf v i/o = 0v c in (1) input capacitance 6 pf v in = 0v d.c. operating characteristics v cc = 5v 10%, unless otherwise specified. limits symbol parameter min. typ. max. unit conditions i cco current consumption (operating) 3 ma inputs = 5.5v, t a = 0 c all outputs unloaded i sb current consumption (standby) 30 a ce = v il i li input current 2 a0 v in 5.5v i lo output leakage current 10 a0 v out 5.5v v ih high level input voltage 2 v cc v v il low level input voltage 0 0.8 v v oh high level output voltage 2.4 v i oh = 2ma v ol low level output voltage 0.4 v i ol = 4.2ma reliability characteristics symbol parameter min. typ. max. units n end (1) endurance 100,000 cycles/byte t dr (1) data retention 10 years v zap (1) esd susceptibility 2000 volts i lth (1)(4) latch-up 100 ma
4 cat24c44 doc. no. 1083, rev. r catalyst semiconductor, inc. characteristics subject to change without notice a.c. characteristics v cc = 5v 10%, unless otherwise specified. symbol parameter min. max. units conditions f sk sk frequency dc 1 mhz t skh sk positive pulse width 400 ns t skl sk negative pulse width 400 ns c l = 100pf + 1ttl gate t ds data setup time 400 ns v oh = 2.2v, v ol = 0.65v t dh data hold time 80 ns v ih = 2.2v, v il = 0.65v t pd sk data valid time 375 ns input rise and fall times = 10ns t z ce disable time 1 s t ces ce enable setup time 800 ns t ceh ce enable hold time 400 ns t cds ce de-select time 800 ns a.c. characteristics, store cycle v cc = 5v 10%, unless otherwise specified. limits symbol parameter min. max. units conditions t st store time 10 ms c l = 100pf + 1ttl gate t stp store pulse width 200 ns v oh = 2.2v, v ol = 0.65v t stz store disable time 100 ns v ih = 2.2v, v il = 0.65v a.c. characteristics, recall cycle v cc = 5v 10%, unless otherwise specified. symbol parameter min. max. units conditions t rcc recall cycle time 2.5 s t rcp recall pulse width 500 ns c l = 100pf + 1ttl gate t rcz recall disable time 500 ns v oh = 2.2v, v ol = 0.65v t orc recall enable time 10 ns v ih = 2.2v, v il = 0.65v t arc recall data access time 1.5 s instruction set format instruction start bit address op code operation wrds 1 xxxx 0 0 0 reset write enable latch (disables, writes and stores) sto 1 xxxx 0 0 1 store ram data in eeprom write 1 aaaa 0 1 1 write data into ram address aaaa wren 1 xxxx 1 0 0 set write enable latch (enables, writes and stores) rcl 1 xxxx 1 0 1 recall eeprom data into ram read 1 aaaa 1 1 x read data from ram address aaaa x = don t care a = address bit
cat24c44 5 doc. no. 1083, rev. r ? catalyst semiconductor, inc. characteristics subject to change without notice device operation the cat24c44 is intended for use with standard micro- processors. the cat24c44 is organized as 16 registers by 16 bits. seven 8-bit instructions control the device s operating modes, the ram reading and writing, and the eeprom storing and recalling. it is also possible to control the eeprom store and recall functions in hard- ware with the store and recall pins. the cat24c44 operates on a single 5v supply and will generate, on chip, the high voltage required during a ram to eeprom storing operation. instructions, addresses and write data are clocked into the di pin on the rising edge of the clock (sk). the do pin remains in a high impedance state except when outputting data from the device. the ce (chip enable) pin must remain high during the entire data transfer. the format for all instructions sent to the cat24c44 is a logical 1 start bit, 4 address bits (data read or write operations) or 4 don t care bits (device mode opera- tions), and a 3-bit op code (see instruction set). for data write operations, the 8-bit instruction is followed by 16 bits of data. for data read instructions, do will come out of the high impedance state and enable 16 bits of data to be clocked from the device. the 8th bit of the read instruction is a don t care bit. this is to eliminate any bus contention that would occur in applications where the di and do pins are tied together to form a common di/do line. a word of caution while clocking data to and from the device: if the ce pin is prematurely deselected while shifting in an instruction, that instruction will not be executed, and the shift register internal to the cat24c44 will be cleared. if there are more than or less than 16 clocks during a memory data transfer, an improper data transfer will result. the sk clock is completely static allowing the user to stop the clock and restart it to resume shifting of data. read upon receiving a start bit, 4 address bits, and the 3-bit read command (clocked into the di pin), the do pin of the cat24c44 will come out of the high impedance state and the 16 bits of data, located at the address specified in the instructions, will be clocked out of the device. when clocking data from the device, the first bit clocked out (do) is timed from the falling edge of the 8th clock, all succeeding bits (d1 d15) are timed from the rising edge of the clock. write after receiving a start bit, 4 address bits, and the 3-bit write command, the 16-bit word is clocked into the device for storage into the ram memory location speci- fied. the ce pin must remain high during the entire write operation. figure 1. ram read cycle timing note: (1) bit 8 of read instruction is don t care . figure 2. ram write cycle timing sk ce di d 0 1 23456789101112 222324 1 d 1 d 2 d 3 d 13 d 14 d 15 a11 aaa 0 sk ce di do high-z d 0 1 23456789101112 222324 1 d 1 d 2 d 3 d 14 d 15 d 0 ax11 aaa (8) (1)
6 cat24c44 doc. no. 1083, rev. r catalyst semiconductor, inc. characteristics subject to change without notice wren/wrds the cat24c44 powers up in the program disable state (the write enable latch is reset). any programming after power-up or after a wrds (ram write/eeprom store disable) instruction must first be preceded by the wren (ram write/eeprom store enable) instruction. once writing/storing is enabled, it will remain enabled until power to the device is removed, the wrds instruction is sent, or an eeprom store has been executed (sto). figure 4. write cycle timing figure 3. read cycle timing x12n sk ce t skl t skh 1/f sk t ceh t dh t ds t ces t cds di high-z t pd 67891011 t pd t z v ih high-z sk cycle # sk ce di do d0 d1 dn the wrds (write/store disable) can be used to disable all cat24c44 programming functions, and will prevent any accidental writing to the ram, or storing to the eeprom. data can be read normally from the cat24c44 regard- less of the write enable latch status.
cat24c44 7 doc. no. 1083, rev. r ? catalyst semiconductor, inc. characteristics subject to change without notice rcl/ recall recall recall recall recall data is transferred from the eeprom data memory to ram by either sending the rcl instruction or by pulling the recall input pin low. a recall operation must be performed before the eeprom store, or ram write operations can be executed. either a hardware or soft- ware recall operation will set the previous recall latch internal to the cat24c44. power-on recall the cat24c44 has a power-on recall function that transfers the eeprom data to the ram. after power- up, all functions are inhibited for at least 200ns (t pur ) from stable v cc . sto/ store store store store store data in the ram memory area is stored in the eeprom memory either by sending the sto instruction or by pulling the store input pin low. as security against any inadvertent store operations, the following conditions must each be met before data can be transferred into nonvolatile storage: the previous recall latch must be set (either a software or hardware recall operation). the write enable latch must be set (wren instruction issued). sto instruction issued or store input low. during the store operation, all other cat24c44 func- tions are inhibited. upon completion of the store opera- tion, the write enable latch is reset. the device also provides false store protection whenever v cc falls below a 3.5v level. if v cc falls below this level, the store operation is disabled and the write enable latch is reset. figure 6. hardware store cycle timing figure 5. recall cycle timing recall t rcz t orc t rcc t rcp t arc valid data undefined data do high-z store t st t stp do t stz high-z
8 cat24c44 doc. no. 1083, rev. r catalyst semiconductor, inc. characteristics subject to change without notice figure 7. non-data operations sk ce di 12345678 1 xxxx op-code ordering information notes: (1) the device used in the above example is a cat24c44si-te13 (soic, industrial temperature, tape & reel) prefix device # suffix 24c44 s i -te13 product number tape & reel package p: pdip s: soic, jedec l: pdip (lead-free, halogen-free) v: soic, jedec (lead-free, halogen-free) gl: pdip (lead-free, halogen-free, nipdau lead plating) gv: soic, jedec (lead-free, halogen-free, nipdau lead plating) cat temperature range blank = commercial (0 ? c to 70 ? c) i = industrial (-40 ? c to 85 ? c) a = automotive (-40 ? c to 105 ? c) e = extended (-40 ? c to 125 ? c) optional company id
catalyst semiconductor, inc. corporate headquarters 2975 stender way santa clara, ca 95054 phone: 408.542.1000 fax: 408.542.1200 www.catsemi.com copyrights, trademarks and patents ?catalyst semiconductor, inc. trademarks and registered trademarks of catalyst semiconductor include each of the following: beyond memory , dpp , ezdim , ldd , minipot and quad-mode catalyst semiconductor has been issued u.s. and foreign patents and has patent applications pending that protect its products. for a complete list of patents issued to catalyst semiconductor contact the companys corporate office at 408.542.1000. catalyst semiconductor makes no warranty, representation or guarantee, express or implied, regarding the suitability of its products for any particular purpose, nor that the use of its products will not infringe its intellectual property rights or the rights of third parties with respect to any particular use or application and specifically disclaims any and all liability aris ing out of any such use or application, including but not limited to, consequential or incidental damages. catalyst semiconductor products are not designed, intended, or authorized for use as components in systems intended for surgica l implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the catalyst semic onductor product could create a situation where personal injury or death may occur. catalyst semiconductor reserves the right to make changes to or discontinue any product or service described herein without not ice. products with data sheets labeled "advance information" or "preliminary" and other products described herein may not be in production or offered for sale . catalyst semiconductor advises customers to obtain the current version of the relevant product information before placing order s. circuit diagrams illustrate typical semiconductor applications and may not be complete. revision history e t a dn o i s i v e rs t n e m m o c 4 0 0 2 / 7 1 / 4 0o o g o l e e r f d a e l d d a s e r u t a e f e t a d p u n o i t a r u g i f n o c n i p e t a d p u m a r g a i d k c o l b e t a d p u t e s n o i t c u r t s n i e t a d p u n o i t a r e p o e c i v e d e t a d p u n o i t a m r o f n i g n i r e d r o e t a d p u y r o t s i h n o i s i v e r d d a r e b m u n v e r e t a d p u 4 0 0 2 / 6 1 / 1 1p n o i t a r u g i f n o c n i p e t a d p u n o i t a m r o f n i g n i r e d r o e t a d p u 4 0 0 2 / 7 1 / 4 0q n o i t a m r o f n i g n i r e d r o e t a d p u 5 0 0 2 / 3 0 / 8 0r n o i t a r u g i f n o c n i p e t a d p u s c i t s i r e t c a r a h c y t i l i b a i l e r e t a d p u n o i t a m r o f n i g n i r e d r o e t a d p u publication #: 1083 revison: r issue date: 08/03/05


▲Up To Search▲   

 
Price & Availability of CAT24C44S-TE13

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X